Part Number Hot Search : 
19010352 155320A 3020401 05012 MC34063 FODM3023 BRF1060 08A10
Product Description
Full Text Search
 

To Download 88HFR100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  electrical specifications voltage ratings type number 85hf(r) voltage code 10 20 40 60 80 100 120 140 160 vrrm, maximum repetitive peak reverse voltage v 100 200 400 600 800 1000 1200 1400 1600 vrsm, maximum non- repetitive peak reverse voltage v 200 300 500 700 900 1100 1300 1500 1700 'rrm?*- @ tj = tj max. ma 9 4.5 forward conduction parameter i f(av) max. average forward current @ case temperature 'firms) max rms forward current ifsm max. peak, one-cycle forward, non-repetitive surge current pt maximum pt for fusing i vt maximum ivt for fusing vf|to) value of threshold voltage (up to 1200v) vf(to) value of threshold voltage (for 1400v, 1600v) r value of forward slope resistance (up to 1 200v) rf value of forward slope resistance (up to 1200v) vfm max. forward voltage drop 85hf(r) 1010120 140,160 85 85 140 110 133 1700 1800 1450 1500 14500 13500 10500 9400 16000 0.68 069 1.62 1.75 1.2 1.4 units a ?c a a a2s avs v mu v conditions 180 conduction, half sine wave t = 10ms t = 8.3ms t= 10ms t = 8.3ms t = 10rns t = 8.3ms t= 10ms t = 8.3ms no voltage reapplied 1%vrrm reapplied no voltage reapplied 100%vrrm reapplied sinusoidal half wave, initial tj = tj max. t = 0.1 to 10ms, no voltage reapplied tj = tj max. tj = tj max. tj = tj max tj = tj max. lpk= 267 a. tj = 25'c, tp = 400us rectangular wave
85hf(r) series thermal and mechanical specifications parameter tj max junction operating temperature range t max. storage temperature range rlhjc max. thermal resistance, junction to case rthcs max. thermal resistance, case to heatsink maximum shock maximum constant vibration maximum constant acceleration t max. allowed mounting torque 10% wt approximate weight case style 85hf(r) 1010120 -65 to 180 -65 to 180 140to160 -65to 150 -65 to 150 0,35 0.25 1500g 20g sooog 2.3-3.4 20-30 17(0.6) units c k/w nm ibf-in 9(02) do-203ab(d05) conditions dc operation mounting surface, smooth, flat and greased see note (1) 50hz see note (1) stud outwards see note (1) not lubricated threads unleaded device see outline table (1) available only for 88hf ar|hjc conduction (the following table shows the increment of thermal resistence r^c when devices operate at different conduction angles than dc) conduction angle 180 120 90 60 30 sinusoidal conduction 0.10 0.11 0 13 0.17 0.26 rectangular conduction 0.08 0.11 0 13 0.17 0.26 units k/w conditions tj = tj max. ordering information table device code ? ? ? ? ? 85 = standard device 86 = not isolated lead 87 = isolated lead with silicone sleeve (red = reverse polarity) (blue = normal polarity) 88 = type for rotating application standard diode none = stud normal polarity (cathode to stud) r = stud reverse polarity (anode to stud) voltage code: code x 10 = vrrm (see voltage ratings table) none = stud base do-203ab (do-5) 1/4" 28unf-2a m = stud base do-203ab (do-5) m6 x 1 - (not available for 88hf)
8shf(r) case style do-203ab (do-5) all dimensions in millimeters (inches) 86hf(r) case style do-203ab (do-5) all dimensions in millimeters (inches) m


▲Up To Search▲   

 
Price & Availability of 88HFR100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X